Part Number Hot Search : 
MT90528 D4069UBC ADP2301 E006914 D882S KN3905S PCA9554A 1SMC15A
Product Description
Full Text Search
 

To Download BCX71K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PNP Silicon AF Transistors
BCW 61 BCX 71
q q q q q
For AF input stages and driver applications High current gain Low collector-emitter saturation voltage Low noise between 30 Hz and 15 kHz Complementary types: BCW 60, BCX 70 (NPN)
Type BCW 61 A BCW 61 B BCW 61 C BCW 61 D BCW 61 FF BCW 61 FN BCX 71G BCX 71H BCX 71J BCX 71 K
Marking BAs BBs BCs BDs BFs BNs BGs BHs BJs BKs
Ordering Code (tape and reel) Q62702-C452 Q62702-C1585 Q62702-C1478 Q62702-C1556 Q62702-C1890 Q62702-C1891 Q62702-C1482 Q62702-C1586 Q62702-C1554 Q62702-C1654
Pin Configuration 1 2 3 B E C
Package1) SOT-23
1)
For detailed information see chapter Package Outlines.
Semiconductor Group
1
5.91
BCW 61 BCX 71
Maximum Ratings Parameter Collector-emitter voltage Collector-base voltage Emitter-base voltage Collector current Peak collector current Peak base current Total power dissipation, TS = 71 C Junction temperature Storage temperature range Thermal Resistance Junction - ambient1) Junction - soldering point Rth JA Rth JS

Symbol BCW 61 VCE0 VCB0 VEB0 IC ICM IBM Ptot Tj Tstg 32 32
Values BCW 61 FF BCX 71 32 32 5 100 200 200 330 150 - 65 ... + 150 45 45
Unit V
mA
mW C
310 240
K/W
1)
Package mounted on epoxy pcb 40 mm x 40 mm x 1.5 mm/6 cm2 Cu.
Semiconductor Group
2
BCW 61 BCX 71
Electrical Characteristics at TA = 25 C, unless otherwise specified. Parameter Symbol min. DC characteristics Collector-emitter breakdown voltage IC = 10 mA BCW 61, BCW 61 FF BCX 71 Collector-base breakdown voltage IC = 10 A BCW 61, BCW 61 FF BCX 71 Emitter-base breakdown voltage IE = 1 A Collector cutoff current VCB = 32 V VCB = 45 V VCB = 32 V, TA = 150 C VCB = 45 V, TA = 150 C Emitter cutoff current VEB = 4 V DC current gain 1) IC = 10 A, VCE = 5 V BCW 61 A, BCX 71 G BCW 61 B, BCX 71 H BCW 61 FF, BCW 61 C, BCX 71 J BCW 61 FN, BCW 61 D, BCX 71 K IC = 2 mA, VCE = 5 V BCW 61 A, BCX 71 G BCW 61 B, BCX 71 H BCW 61 FF, BCW 61 C, BCX 71 J BCW 61 FN, BCW 61 D, BCX 71 K IC = 50 mA, VCE = 1 V BCW 61 A, BCX 71 G BCW 61 B, BCX 71 H BCW 61 FF, BCW 61 C, BCX 71 J BCW 61 FN, BCW 61 D, BCX 71 K BCW 61, BCW 61 FF BCX 71 BCW 61, BCW 61 FF BCX 71 IEB0 hFE 20 30 40 100 120 180 250 380 60 80 100 110 140 200 300 460 170 250 350 500 - - - - - - - - 220 310 460 630 - - - - V(BR)CE0 32 45 V(BR)CB0 32 45 V(BR)EB0 ICB0 - - - - - - - - - - 20 20 20 20 20 nA nA
A A
Values typ. max.
Unit
V - - - - - - - - - -
5
nA -
1)
Pulse test: t 300 s, D 2 %.
Semiconductor Group
3
BCW 61 BCX 71
Electrical Characteristics at TA = 25 C, unless otherwise specified. Parameter Symbol min. DC characteristics Collector-emitter saturation voltage1) IC = 10 mA, IB = 0.25 mA IC = 50 mA, IB = 1.25 mA Base-emitter saturation voltage1) IC = 10 mA, IB = 0.25 mA IC = 50 mA, IB = 1.25 mA Base-emitter voltage 1) IC = 10 A, VCE = 5 V IC = 2 mA, VCE = 5 V IC = 50 mA, VCE = 1 V AC characteristics Transition frequency IC = 20 mA, VCE = 5 V, f = 100 MHz Output capacitance VCB = 10 V, f = 1 MHz Input capacitance VCB = 0.5 V, f = 1 MHz Short-circuit input impedance IC = 2 mA, VCE = 5 V, f = 1 kHz BCW 61 A, BCX 71 G BCW 61 B, BCX 71 H BCW 61 FF, BCW 61 C, BCX 71 J BCW 61 FN, BCW 61 D, BCX 71 K Open-circuit reverse voltage transfer ratio IC = 2 mA, VCE = 5 V, f = 1 kHz BCW 61 A, BCX 71 G BCW 61 B, BCX 71 H BCW 61 FF, BCW 61 C, BCX 71 J BCW 61 FN, BCW 61 D, BCX 71 K fT Cobo Cibo h11e - - - - h12e - - - 1.5 2.0 2.0 3.0 - - - 2.7 3.6 4.5 7.5 - - - - 10- 4 - - - 250 3 8 - - - k MHz pF VCEsat - - VBEsat - - VBE (on) - 0.55 - 0.52 0.65 0.78 - 0.75 - 0.70 0.83 0.85 1.05 0.12 0.20 0.25 0.55 V Values typ. max. Unit
1)
Pulse test: t 300 s, D 2 %.
Semiconductor Group
4
BCW 61 BCX 71
Electrical Characteristics at TA = 25 C, unless otherwise specified. Parameter Symbol min. AC characteristics Short-circuit forward current transfer ratio IC = 2 mA, VCE = 5 V, f = 1 kHz BCW 61 A, BCX 71 G BCW 61 B, BCX 71 H BCW 61 FF, BCW 61 C, BCX 71 J BCW 61 FN, BCW 61 D, BCX 71 K Open-circuit output admittance IC = 2 mA, VCE = 5 V, f = 1 kHz BCW 61 A, BCX 71 G BCW 61 B, BCX 71 H BCW 61 FF, BCW 61 C, BCX 71 J BCW 61 FN, BCW 61 D, BCX 71 K Noise figure IC = 0.2 mA, VCE = 5 V, RS = 2 k f = 1 kHz, f = 200 Hz BCW 61 A to BCX 71 K BCW 61 FF, BCW 61 FN Equivalent noise voltage IC = 0.2 mA, VCE = 5 V, RS = 2 k f = 10 Hz ... 50 Hz BCW 61 FF, BCW 61 FN h21e - - - - h22e - - - - F 18 24 30 50 - - - - dB 200 260 330 520 - - - -
s
Values typ. max.
Unit
-
- - Vn -
2 1 -
- 2 0.11
V
Semiconductor Group
5
BCW 61 BCX 71
Total power dissipation Ptot = f (TA*; TS) * Package mounted on epoxy
Collector-base capacitance CCB0 = f (VCB0) Emitter-base capacitance CEB0 = f (VEB0)
Permissible pulse load Ptot max/Ptot DC = f (tp)
Transition frequency fT = f (IC) VCE = 5 V
Semiconductor Group
6
BCW 61 BCX 71
Base-emitter saturation voltage IC = f (VBEsat) hFE = 40
Collector-emitter saturation voltage IC = f (VCEsat) hFE = 40
Collector current IC = f (VBE) VCE = 5 V
DC current gain hFE = f (IC) VCE = 5 V
Semiconductor Group
7
BCW 61 BCX 71
Collector cutoff current ICB0 = f (TA)
h parameter he = f (IC) VCE = 5 V
h parameter he = f (VCE) IC = 2 mA
Noise figure F = f (VCE) IC = 0.2 mA, RS = 2 k, f = 1 kHz
Semiconductor Group
8
BCW 61 BCX 71
Noise figure F = f (f) IC = 0.2 mA, RS = 2 k,VCE = 5 V
Noise figure F = f (IC) VCE = 5 V, f = 120 Hz
Noise figure F = f (IC) VCE = 5 V, f = 1 kHz
Noise figure F = f (IC) VCE = 5 V, f = 10 kHz
Semiconductor Group
9


▲Up To Search▲   

 
Price & Availability of BCX71K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X